PART |
Description |
Maker |
10-45-1061 10-45-1051 10-45-1151 10-08-1091 10-45- |
Header; Number of Contacts:6; Pitch Spacing:5.08mm; Number of Rows:1; Series:KK; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA .5Au 5Ckt 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA .5Au 15Ckt 15 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 9=9X1 0.200" HEADER 9 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA .5Au 9Ckt 9 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 10081131 13 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA .5Au 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK HDR VT RPIN VRA 5sN 17CKT 17 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA .5Au 10Ckt 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA 5Sn 20Ckt 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
87808-3001 0878083001 |
5.08mm (.200) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus S-P(B) Receptacle, Through Hole, Right Angle, Beveled Metal Pins
|
Molex Electronics Ltd.
|
0010101101 10-10-1101 300210A AE-3002-10A |
5.08mm (.200) Pitch KK? PC Board Connector, Right Angle Mount Style A, 1.0μm (40μ) Tin (Sn), 10 Circuits 5.08mm (.200") Pitch KK垄莽 PC Board Connector, Right Angle Mount Style A, 1.0楼矛m (40楼矛") Tin (Sn), 10 Circuits
|
Molex Electronics Ltd.
|
10-01-3036 0010013036 5197-03 |
5.08mm (.200) Pitch SPOX?/a> Crimp Terminal Housing, 3 Circuits 5.08mm (.200) Pitch SPOX Crimp Terminal Housing, 3 Circuits 5.08mm (.200") Pitch SPOX垄芒 Crimp Terminal Housing, 3 Circuits
|
Molex Electronics Ltd.
|
0878742004 |
7.62mm (.300), 5.08mm (.200), 6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus P-S Header, Through Hole, Right Angle, Screw Mount
|
Molex Electronics Ltd.
|
0395340012 395340012 |
5.08mm (.200) Pitch Eurostyle Horizontal Plug, with Retention Screws, 12 Circuits 5.08mm (.200") Pitch Eurostyle垄芒 Horizontal Plug, with Retention Screws, 12 Circuits
|
Molex Electronics Ltd.
|
0010101053 10-10-1053 300205C AE-3002-5C |
5.08mm (.200") Pitch KK庐 PC Board Connector, Top Entry Mount Style C, 1.0渭m (40渭") Tin (Sn), 5 Circuits 5.08mm (.200) Pitch KK? PC Board Connector, Top Entry Mount Style C, 1.0μm (40μ) Tin (Sn), 5 Circuits
|
Molex Electronics Ltd.
|
0010021032 10-02-1032 AE-3002-3B |
5.08mm (.200") Pitch KK庐 PC Board Connector, Bottom Entry Mount Style B, 1.0渭m (40渭") Tin (Sn), 3 Circuits 5.08mm (.200) Pitch KK? PC Board Connector, Bottom Entry Mount Style B, 1.0μm (40μ) Tin (Sn), 3 Circuits
|
Molex Electronics Ltd.
|
10-06-1075 10-06-1145 10-06-1025 |
5.08mm KK Hdr RA SqPin VrB 5Sn 7Ckt 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 5.08mm KK Hdr RA SqPin VrB 5Sn 14Ckt 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER HEADER, SQ PIN 0.2" R/A 2WAY ; Ways, No. of:2; Pitch:5.08mm; Current rating:7A; Diameter, PCB hole:1.57mm; Dielectric strength, VDC:1.5kV; Force, de-mating:1N; Force, mating:6.7N; Housing type:White Nylon UL94V-2; Material:Nylon;
|
Molex, Inc. MOLEX INC
|
39530-0016 |
5.08mm Pitch Eurostyle Horizontal Plug, 16 Circuits
|
Molex Electronics Ltd.
|
|